Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download RLD-78MD-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RLD-78MD-K
Laser Diodes
AlGaAs laser diode
RLD-78MD-K
The RLD-78MD-K is a laser diode designed for minidisc, CD-R and CD-RW playback. This device has low noise at high optical output levels.
!Applications Minidisc (MD) playback CD-R/RW playback !Features 1) Optical output is high at 5 to 10mW. 2) Reduced facet reflection. 3) High precision, compact package. 4) General-purpose polarity type is available. (M type)
!External dimensions (Units : mm)
902 0.40.1
Equivalent circuit diagram
1.0Min.
5.6
+0 -0.025
Glass window Chip
M t y p e
4.4+0
(3) L.D. (1) (2) P.D.
1.20.1 2.3 6.50.5
(1.27)
1.00.1
3-0.45
(3)
(2) (1)
!Absolute maximum ratings (Ta=25C)
Parameter Output Reverse voltage Raser PIN photodiode Symbol PO VR VR(PIN) Topr Tstg Limits 10 2 30 -10~+60 -40~+85 Unit mW V V C C
Operating temperature Storage temperature
3.6
RLD-78MD-K
Laser Diodes
!Electrical and optical characteristics (Ta=25C)
Parameter Threshold current Operating current Operating voltage Differential efficiency Monitor current Parallel divergence angle Perpendicular divergence angle Parallel deviation angle Perpendicular deviation angle Emission point accuracy Peak emission wavelength Signal-to-noise ratio Symbol Ith Iop Vop Im // Min. - - - 0.4 0.05 8 20 - - - 770 60 Typ. 35 45 1.9 0.55 0.15 11 37 - - - 785 - Max. 60 70 2.3 0.8 0.4 15 45 2 3 80 810 - Unit mA mA V mW/mA mA deg deg deg deg m nm dB PO=7mW f=720kHz, f=10kHz - PO=7mW PO=7mW PO=7mW 2mW I(7mW) - I(5mW) PO=7mW, VR(PIN)=15V Conditions -
//
X Y Z S/N
// and are defined as the angle within which the intensity is 50% of the peak value.
!Electrical and optical characteristics curves
10
THRESHOLD CURRENT : Ith (mA)
OPTICAL POWER : PO (mW)
8
6
-10C 0C 10C 25C 40C 60C
RELATIVE OPTICAL INTENSITY
100 90 80 70 60 50 40 30
1.0 direction // direction
0.5
4
20
2
0 10 20 30 40 50 60 70 80 OPERATING CURRENT : IF (mA)
10 -20 -10
0
10
20
30
40
50
60
70
0 -40
0 ANGLE (deg)
40
PACKAGE TEMPERATURE : TC (C)
Fig.1 Optical output vs. operating current
Fig.2 Dependence of threshold current on temperature
Fig.3 Far field pattern
10
TC=25C
RELATIVE OPTICAL INTENSITY
800
OPTICAL INTENSITY : PO (mW)
8
6
PO=5mW
WAVELENGTH : (nm)
785 790 795
PO=7mW
790
780
4
PO=3mW
770
2
0 0.05 0.1 0.15 0.2 MONITOR CURRENT : Im (mA)
775
780
760 -20 -10
0
10
20
30
40
50
60
70
WAVELENGTH : (nm)
PACKAGE TEMPERATURE : TC (C)
Fig.4 Monitor current vs. optical output
Fig.5 Dependence of emission spectrum on optical output
Fig.6 Dependence of wavelength on temperature
RLD-78MD-K
Laser Diodes
100
90
SNR (dB)
80
70
60
50 0 2 4 6 8 10
OPTICAL POWER (mW)
Fig.7 Dependence of signal to noise ratio on optical power


▲Up To Search▲   

 
Price & Availability of RLD-78MD-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X